Part Number Hot Search : 
TR300 50120 ENTRAL 1002F 15MQ040N TK35A65W 00159 24165SMG
Product Description
Full Text Search
 

To Download LT3796-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lt3954 1 3954f for more information www.linear.com/3954 typical application features applications description 40v in led converter with internal pwm generator the lt ? 3954 is a dc/dc converter designed to operate as a constant-current source and constant-voltage regulator. it features an internal low side n-channel mosfet rated for 40v/5a. the lt3954 is ideally suited for driving high current leds, but also has features to make it suitable for charging batteries and supercapacitors . the fixed frequency, current mode architecture results in stable operation over a wide range of supply and output voltages. a voltage feedback pin serves as the input for several led protection features, and also makes it possible for the converter to operate as a constant-voltage source . a frequency adjust pin allows the user to program the frequency from 100khz to 1mhz to optimize efficiency, performance or external component size. the lt3954 senses output current at the high side or at the low side of the load. the internal pwm generator can be configured to self-oscillate at fixed frequency with duty ratio programmable from 4% to 96%. when driven by an external signal, the pwm input provides led dimming ratios of up to 3000:1. the ctrl input provides additional analog dimming capability. l, lt , lt c , lt m , linear technology and the linear logo are registered trademarks and true color pwm is a trademark of linear technology corporation. all other trademarks are the property of their respective owners. protected by u.s. patents including 7199560, 7321203. 95% efficiency 20w boost led driver with internal pwm dimming pwm dimming waveforms at various dim voltage settings n 3000:1 true color pwm ? dimming for leds n wide v in range: 4.5v to 40v n rail-to-rail current sense range: 0v to 40v n internal 40v/5a switch n programmable pwm dimming signal generator n constant current (3%) and constant- voltage (2%) regulation n accurate analog dimming n drives leds in boost, sepic, cuk, buck mode, buck-boost mode, or flyback configuration n output short- circuit protected boost n open led protection and reporting n adjustable switching frequency: 100khz to 1mhz n programmable v in uvlo with hysteresis n c/10 indication for battery chargers n low shutdown current: <1a n thermally enhanced 5mm 6mm qfn package n high power leds n output short- circuit protected boost n battery and supercap chargers n accurate current limited voltage regulators v in sw lt3954 22h gndk gndv c intv cc en/uvlo pgnd v ref isp 1m 100k intv cc 499k 4.7f 4.7f 3 4.7nf v in 5v to 30v 47nf 300hz 147k 5.1k 28.7k 350khz 1f 165k 124k ctrl 37.4k 1m 0.38 650ma intv cc note: gnd, gndk and signal level components must be connected externally as shown. an internal connection between gndk and pgnd pins provides grounding to the supply 3954 ta01a vmode dim/ss dim pwm rt isn fb sync pwmout 20w led string (current derated for v in < 9v) 10nf 0.5ms/div v dim = 8v dc pwm = 97.2% v dim = 3.87v dc pwm = 50% v dim = 1.47v dc pwm = 10% v dim = 0v dc pwm = 2.8% 3954 ta01b v in = 24v v led = 32v i led 0.65a/div
lt3954 2 3954f for more information www.linear.com/3954 order information lead free finish tape and reel part marking* package description temperature range lt3954euhe#pbf lt3954euhe#trpbf 3954 36-lead (5mm 6mm) plastic qfn C40c to 125c lt3954iuhe#pbf lt3954iuhe#trpbf 3954 36-lead (5mm 6mm) plastic qfn C40c to 125c consult lt c marketing for parts specified with wider operating temperature ranges. *the temperature grade is identified by a label on the shipping container. consult lt c marketing for information on non-standard lead based finish parts. for more information on lead free part marking, go to: http://www.linear.com/leadfree/ for more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/ pin configuration absolute maximum ratings v in , en / uvlo ............................................................ 40 v isp , isn , sw ............................................................. 40 v intv cc ................................................... v in + 0.3 v , 9.6 v pwmout ........................................................... ( note 2) ctrl , vmode ........................................................... 15 v fb , pwm , sync ....................................................... 9.6 v v c , v ref ...................................................................... 3 v rt , dim / ss .............................................................. 1.5 v pgnd , gndk to gnd ............................................. 0.5 v operating ambient temperature range ( notes 3, 4) ............................................ C40 c to 125 c maximum junction temperature .......................... 125 c storage temperature range .................. C65 c to 150 c (note 1) 12 13 14 top view 37 gnd 38 sw uhe package 36-lead (5mm 6mm) plastic qfn 15 16 17 36 35 34 33 32 31 30 21 23 24 25 27 28 8 6 4 3 2 1sync en/uvlo intv cc gnd v in sw sw nc isp isn fb gnd pwmout sw sw rt dim/ss vmode pwm v ref ctrl v c gndk pgnd pgnd pgnd pgnd pgnd 20 9 10 ja = 34c/w, jc = 3c/w exposed pad (pin 37) is gnd, must be soldered to gnd plane exposed pad (pin 38) is sw, must be soldered to sw plane
lt3954 3 3954f for more information www.linear.com/3954 the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c . v in = 24v , en/ uvlo = 24v , ctrl = 2v , pwm = 5v , unless otherwise noted. electrical characteristics parameter conditions min typ max units v in minimum operating voltage v in tied to intv cc l 4.5 v v in shutdown i q en/uvlo = 0v, pwm = 0v en/uvlo = 1.15v, pwm = 0v 0.1 1 6 a a v in operating i q (not switching) pwm = 0v 1.8 2.2 ma v ref voltage C100a i vref 0a l 1.965 2.02 2.06 v v ref line regulation 4.5v v in 40v 0.001 %/v v ref pull-up current v ref = 0v l 150 185 210 a sw pin current limit l 5.4 6.3 7.2 a sw pin leakage sw = 24v 5 10 a sw pin voltage drop i sw = 3a 100 mv dim/ss pull-up current current out of pin, dim/ss = 0v l 10 12 14 a dim/ss voltage clamp i dim/ss = 0a 1.2 v error amplifier full-scale isp/isn current sense threshold (v ispCisn ) ctrl 1.2v, isp = 24v ctrl 1.2v, isn = 0v l l 242 243 250 257 258 268 mv mv 1/10th scale isp /isn current sense threshold (v ispCisn ) ctrl = 0.2v, isp = 24v ctrl = 0.2v, isn = 0v l l 21 20 25 28 30 36 mv mv mid-scale isp/isn current sense threshold (v ispCisn ) ctrl = 0.5v, isp = 24v ctrl = 0.5v, isn = 0v l l 96 94 100 105 104 115 mv mv isp/isn overcurrent threshold 600 mv isp/isn current sense amplifier input common mode range (v isn ) 0 40 v isp/isn input bias current high side sensing (combined) pwm = 5v (active), isp = isn = 24v pwm = 0v (standby), isp = isn = 24v 100 0.1 a a isp/isn input bias current low side sensing (combined) pwm = 5v, isp = isn = 0v C230 a isp/isn current sense amplifier g m (high side sensing) v ispCisn = 250mv, isp = 24v 120 s isp/isn current sense amplifier g m (low side sensing) v ispCisn = 250mv, isn = 0 v 70 s ctrl pin range for linear current sense threshold adjustment l 0 1.0 v ctrl input bias current current out of pin 50 100 na v c output impedance 0.9v v c 1.5v 15 m v c standby input bias current pwm = 0v C20 20 na fb regulation voltage (v fb ) isp = isn = 24v, 0v l 1.225 1.255 1.275 v fb amplifier g m fb = v fb , isp = isn = 24v 500 s fb pin input bias current current out of pin, fb = v fb 40 100 na fb open led threshold vmode falling, isp tied to isn l v fb C 65mv v fb C 50mv v fb C 40mv v c/10 inhibit for vmode assertion (v ispCisn ) fb = v fb , isn = 24v, 0v 14 25 39 mv fb overvoltage threshold pwmout falling v fb + 50mv v fb + 60mv v fb + 70mv v oscillator switching frequency r t = 95.3k r t = 8.87k l 85 925 100 1000 115 1050 khz khz sw minimum off- time 160 ns sw minimum on- time 180 ns sync input low 0.4 v sync input high 1.5 v
lt3954 4 3954f for more information www.linear.com/3954 electrical characteristics the l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at t a = 25c . v in = 24v , en/ uvlo = 24v , ctrl = 2v , pwm = 5v , unless otherwise noted. parameter conditions min typ max units linear regulator intv cc regulation voltage 10v v in 40v l 7.60 7.85 8.05 v intv cc maximum operating voltage 8.1 v intv cc minimum operating voltage 4.5 v dropout (v in C intv cc ) i intvcc = C10ma, v in = 7v 390 mv intv cc undervoltage lockout l 3.9 4.1 4.4 v intv cc current limit 8v v in 40v, intv cc = 6v 30 36 42 ma intv cc current in shutdown en/uvlo = 0v, intv cc = 8v 8 13 a logic inputs/outputs en/uvlo threshold voltage falling l 1.180 1.220 1.260 v en/uvlo rising hysteresis 40 mv en/uvlo input low voltage i vin drops below 1a 0.4 v en/uvlo pin bias current low en/uvlo = 1.15v l 1.7 2.2 2.7 a en/uvlo pin bias current high en/uvlo = 1.33v 10 100 na vmode output low i vmode = 1ma 200 mv vmode pin leakage fb = 0v, vmode = 12v 0.1 5 a pwm pin signal generator pwm falling threshold l 0.78 0.83 0.88 v pwm threshold hysteresis (v pwmhys ) i dim/ss = 0a 0.35 0.47 0.6 v pwm pull-up current (i pwmup ) pwm = 0.7v, i dim/ss = 0a 6 7.5 9 a pwm pull-down current (i pwmdn ) pwm = 1.5v, i dim/ss = 0a 68 88 110 a pwm fault-mode pull-down current intv cc = 3.6v 1.5 ma pwmout duty ratio for pwm signal generator (note 5) i dim/ss = C6.5a i dim/ss = 0a i dim/ss = 21.5a i dim/ss = 52a 3.1 6.8 40 95 4.1 7.9 48 96.5 5.2 9.2 56 98 % % % % pwmout signal generator frequency pwm = 47nf to gnd, i dim/ss = 0a 170 300 390 hz pwmout driver pwmout driver output rise time (t r ) c l = 560pf 35 ns pwmout driver output fall time (t f ) c l = 560pf 35 ns pwmout output low (v ol ) pwm = 0v 0.05 v pwmout output high (v oh ) intv cc C 0.05 v note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. exposure to any absolute maximum rating condition for extended periods may affect device reliability and lifetime. note 2: do not apply a positive or negative voltage or current source to pwmout pin, otherwise permanent damage may occur. note 3: the lt3954e is guaranteed to meet performance specifications from the 0c to 125c junction temperature. specifications over the C40c to 125c operating junction temperature range are assured by design, characterization and correlation with statistical process controls. the lt3954i is guaranteed over the full C40c to 125c operating junction temperature range. note 4: the lt3954 includes overtemperature protection that is intended to protect the device during momentary overload conditions. junction temperature will exceed the maximum operating junction temperature when overtemperature protection is active. continuous operation above the specified maximum junction temperature may impair device reliability. note 5: pwmout duty ratio is calculated: duty = i pwmup /(i pwmup + i pwmdn )
lt3954 5 3954f for more information www.linear.com/3954 typical performance characteristics fb regulation voltage (v fb ) vs temperature v (ispCisn) threshold vs fb voltage v ref source current vs temperature v ref voltage vs temperature switching frequency vs r t switching frequency vs temperature v (ispCisn) threshold vs ctrl voltage v (ispCisn) threshold vs isp voltage v (ispCisn) threshold vs temperature temperature (c) ?50 240 v (isp?isn) threshold (mv) 260 ?25 0 25 50 75 100 265 250 245 255 125 3954 g03 ctrl = 2v isn = 0v isp = 24v t a = 25c, unless otherwise noted. ctrl voltage (v) 0 ?50 v (isp?isn) threshold (mv) 50 150 250 0.5 1 1.5 300 0 100 200 2 3954 g01 isp voltage (v) 0 240 v (isp?isn) threshold (mv) 255 10 20 30 260 245 250 40 3954 g02 ctrl = 2v temperature (c) ?50 1.240 v fb (v) 1.265 ?25 0 25 50 75 100 1.270 1.255 1.250 1.245 1.260 125 3954 g04 fb (v) 1.22 20 v (isp?isn) threshold (mv) 230 1.225 1.23 1.235 1.24 1.245 260 170 140 110 80 50 200 1.25 3954 g05 ctrl = 2v ctrl = 0.5v r t (k) 10 100 switching frequency (khz) 900 1000 800 700 600 500 400 300 200 100 3954 g08 temperature (c) ?50 150 v ref source current (a) 190 ?25 0 5025 75 100 200 180 170 160 125 3954 g06 temperature (c) ?50 1.99 v ref (v) 2.04 ?25 0 5025 75 100 2.05 2.03 2.02 2.01 2.00 125 3954 g07 temperature (c) ?50 380 switching frequency (khz) 415 ?25 0 5025 75 100 420 410 405 400 395 390 385 125 3954 g09 r t = 25.5k
lt3954 6 3954f for more information www.linear.com/3954 typical performance characteristics intv cc current limit vs vs temperature intv cc dropout voltage vs current, temperature internal switch on-resistance vs temperature sw pin current limit vs temperature sw pin current limit vs duty cycle en/uvlo threshold vs temperature t a = 25c, unless otherwise noted. pwm signal generator duty ratio vs dim/ss current pwm signal generator frequency vs duty ratio 3954 g13 intv cc current limit (ma) temperature (c) 30 34 40 32 36 38 ?50 0 50 75 ?25 25 100 125 pwmout waveform 200ns/div pwm input pwmout 5v/div 3954 g18 c pwmout = 2.2nf ldo current (ma) 3954 g14 0 5 10 15 2520 30 ?1.8 ?1.4 ?1.6 0 ?1.0 ?1.2 ?0.4 ?0.2 ?0.6 ?0.8 ldo dropout (v) t a = ?45c t a = 130c t a = 25c dim/ss current (a) ?10 duty ratio (%) 100 60 20 80 40 0 20 40 10 30 0 3954 g16 50 temperature (c) ?50 1.19 en/uvlo threshold (v) ?25 0 5025 75 100 1.27 1.25 1.23 1.21 125 3954 g12 rising falling duty ratio (%) 0 260 pwm frequency (hz) 20 6040 80 340 320 300 280 100 3954 g17 c pwm = 47nf temperature (c) ?50 5.4 sw pin current limit (a) 6.0 5.8 6.2 6.4 6.6 0 50 75 5.6 ?25 25 100 125 3954 g10 duty cycle (%) 0 5.4 5.6 5.8 sw pin current limit (a) 6.2 20 40 8060 6.6 6.0 6.4 100 3954 g11 temperature (c) ?50 on-resistance (m) 35 40 45 30 25 ?25 250 50 75 100 125 10 5 0 20 50 15 3954 g15
lt3954 7 3954f for more information www.linear.com/3954 pwmout duty ratio vs temperature, i dim/ss = 0a pwmout duty ratio vs temperature, i dim/ss = 21.5a visp-isn overcurrent threshold vs temperature typical performance characteristics t a = 25c, unless otherwise noted. isp/isn input bias current vs ctrl voltage, isn = 0v dim/ss voltage vs current, temperature isp/isn input bias current vs ctrl voltage, isp = 24v dim/ss current (a) ?10 1.10 dim/ss voltage (v) 0 2010 30 40 1.30 1.25 1.20 1.15 50 3954 g19 t = 130c t = ?45c, 25c ctrl (v) 0 0 input bias current (a) 0.5 1 1.5 120 100 60 80 40 20 2 3954 g20 isp isn ctrl (v) 0 ?180 input bias current (a) 0.5 1 1.5 0 ?30 ?90 ?60 ?120 ?150 2 3954 g21 6.5 7.0 8.0 9.5 9.0 7.5 8.5 3954 g22 duty ratio (%) temperature (c) ?50 0 50 75 ?25 25 100 150125 c pwm = 47nf 45 49 55 53 47 51 3954 g23 duty ratio (%) temperature (c) ?50 0 50 75 ?25 25 100 150125 c pwm = 47nf 3954 g24 v isp-isn (mv) temperature (c) 300 400 700 600 800 500 ?50 0 50 75 ?25 25 100 150125 isp = 24v isn = 0v
lt3954 8 3954f for more information www.linear.com/3954 sync (pin 1): frequency synchronization pin. used to synchronize the internal oscillator to an outside clock. if this feature is used, an r t resistor should be chosen to program a switching frequency 20% slower than sync pulse frequency. tie the sync pin to pwmout if this feature is not used. en/uvlo (pin 2): enable and undervoltage detect pin. an accurate 1.22v falling threshold with externally program- mable hysteresis causes the switching regulator to shut down when power is insufficient to maintain output regu- lation. above the 1.24v (typical) rising enable threshold (but below 2.5v), en/uvlo input bias current is sub-a. below the 1.22v (typical) falling threshold, an accurate 2.2a (typical) pull-down current is enabled so the user can define the rising hysteresis with the external resistor selection. an undervoltage condition causes the switch to turn off and the pwmout pin to transition low and resets soft-start. tie to 0.4v, or less, to disable the device and reduce v in quiescent current below 1a. can be tied to v in through a 100k resistor. intv cc (pin 3): current limited, low dropout linear regula- tor regulates to 7.85v (typical) from v in . supplies internal loads, sw and pwmout drivers. must be bypassed with a 1f ceramic capacitor placed close to the pin and to the exposed pad gnd of the ic. v in (pin 6): power supply for internal loads and intv cc regulator. must be locally bypassed with a 0.22f (or larger) low esr capacitor placed close to the pin. gndk (pin 12): kelvin connection pin between pgnd and gnd. kelvin connect this pin to the gnd plane close to the ic. see the board layout section. pgnd (pins 13 to 17): source terminal switch and the gnd input to the switch current comparator. pwmout (pin 23): buffered version of pwm signal for driving led load disconnect nmos or level shift. this pin also serves in a protection function for the fb over - voltage conditionwill toggle if the fb input is greater than the fb regulation voltage (v fb ) plus 60mv (typical). the pwmout pin is driven from intv cc . use of a fet with gate cut-off voltage higher than 1v is recommended. fb (pin 25): voltage loop feedback pin. fb is intended for constant - voltage regulation or for led protection and open led detection . the internal transconductance amplifier with output vc will regulate fb to 1.25v (nominal) through the dc/dc converter. if the fb input exceeds the regulation voltage, v fb , minus 50mv and the voltage between isp and isn has dropped below the c/10 threshold of 25mv (typical), the vmode pull-down is asserted. this action may signal an open led fault. if fb is driven above the fb overvoltage threshold, the pwmout pin will be driven low and the internal power switch is turned off , to protect the leds from an overcurrent event. do not leave the fb pin open. if not used, connect to gnd. i sn (pin 27 ): connection point for the negative terminal of the current feedback resistor. the constant output current regulation can be programmed by i led = 250 mv/ r led when ctrl > 1.2 v or i led = ( ctrl C 100 mv )/(4 ? r led ). if isn is greater than intv cc , input bias current is typically 20a flowing into the pin. below intv cc , isn bias current decreases until it flows out of the pin. isp (pin 28): connection point for the positive terminal of the current feedback resistor. input bias current depends upon ctrl pin voltage. when it is greater than intv cc it flows into the pin. below intv cc , isp bias current decreases until it flows out of the pin. if the difference between isp and isn exceeds 600mv (typical), then an overcurrent event is detected. in response to this event, the switch is turned off and the pwmout pin is driven low to protect the switching regulator, a 1.5ma pulldown on pwm and a 9ma pulldown on the dim/ss pin are activated for 4s. v c ( pin 30): transconductance error amplifier output pin used to stabilize the switching regulator control loop with an rc network. the v c pin is high impedance when pwm is low. this feature allows the v c pin to store the demand current state variable for the next pwm high transition. connect a capacitor between this pin and gnd; a resistor in series with the capacitor is recommended for fast transient response. pin functions
lt3954 9 3954f for more information www.linear.com/3954 pin functions ctrl (pin 31): current sense threshold adjustment pin. constant current regulation point v isp-isn is one-fourth v ctrl plus an offset for 0v ctrl 1 v. for ctrl > 1.2v the v isp-isn current regulation point is constant at the full-scale value of 250mv. for 1v ctrl 1.2v, the dependence of v isp - isn upon ctrl voltage transitions from a linear function to a constant value, reaching 98% of full- scale value by ctrl = 1.1v. do not leave this pin open. v ref (pin 32): voltage reference output pin, typically 2v. this pin drives a resistor divider for the ctrl pin, either for analog dimming or for temperature limit / compensation of led load. it can be bypassed with 10nf or greater, or less than 50pf. can supply up to 185a (typical). pwm (pin 33): a signal low turns off switcher, idles the oscillator and disconnects the vc pin from all internal loads. pwmout pin follows the pwm pin, except in fault conditions. the pwm pin can be driven with a digital signal to cause pulse width modulation ( pwm ) dimming of an led load. the digital signal should be capable of sourcing or sinking 200a at the high and low thresholds. during start-up when dim/ss is below 1v, the first rising edge of pwm enables switching which continues until v isp-isn 25mv or dim/ss 1v. connecting a capacitor from pwm pin to gnd invokes a self-driving oscillator where internal pull-up and pull-down currents set a duty ratio for the pwmout pin for dimming leds. the magnitudes of the pull-up/down currents are set by the current in the dim/ss pin. the capacitor on pwm sets the frequency of the dimming signal. for hiccup mode response to output short- circuit faults, connect this pin as shown in the ap- plication titled boost led driver with output short- circuit protection. if not used, connect the pwm pin to intv cc . vmode (pin 34): an open-drain pull-down on this pin asserts if the fb input is greater than the fb regulation voltage (v fb ) minus 50mv (typical) and the difference between current sense inputs isp and isn is less than 25mv. to function, the pin requires an external pull-up resistor, usually to intv cc . when the pwm input is low and the dc/dc converter is idle, the vmode condition is latched to the last valid state when the pwm input was high. when pwm input goes high again, the vmode pin will be updated. this pin may be used to report transi- tion from constant current regulation to constant voltage regulation modes, for instance in a charger or current limited voltage supply. dim/ss (pin 35): soft-start and pwm dimming signal generator programming pin. this pin modulates switching regulator frequency and compensation pin voltage (vc) clamp when it is below 1v. the soft-start interval is set with an external capacitor and the dim/ss pin charging current. the pin has an internal 12a (typical) pull-up current source . the soft-start pin is reset to gnd by an undervoltage condition (detected at the en/uvlo pin), intv cc undervoltage , overcurrent event sensed at isp/ isn, or thermal limit. after initial start-up with en/uvlo, dim/ss is forced low until the first pwm rising edge. when dim/ss reaches the steady-state voltage (~1.17v), the charging current (sum of internal and external currents) is sensed and used to set the pwm pin charging and discharge currents and threshold hysteresis. in this manner, the ss charging current sets the duty cycle of the pwm signal generator associated with the pwm pin. this pin should always have a capacitor to gnd, minimum 560pf value, when used with the pwm signal generator function. see typical performance curves for details on the variation of pwm pin parameters with ss charging current. place the capacitor close to the ic. rt (pin 36): switching frequency adjustment pin. set the frequency using a resistor to gnd (for resistor values, see the typical performance curve or table 2). do not leave the rt pin open. place the resistor close to the ic. gnd (exposed pad pin 37, pins 4, 24): ground. solder the exposed pads directly to the ground plane. sw (exposed pad pin 38, pins 8, 9, 20, 21): drain of internal power n-channel mosfet.
lt3954 10 3954f for more information www.linear.com/3954 block diagram + ? + ? + ? ? + ? + 1/4 a6 + + ? freq prog 1v 1v clamp 100mv ctrl v ref en/uvlo 25mv pwmint 180a 2.2a ctrl buffer current mode comparator driver i sense a4 + ? 48mv m1 g m a5 ovfb comparator 1.25v fb pwmout pwm pwmint 1.25v v in intv cc v c + ? + ? a2 r q s r q s ramp generator i dim/ss detect 100khz to 1mhz oscillator + ? + ? a8 7.85v ldo sw pgnd 3954 bd vmode gnd gndk 1.2v fb isn isp + ? 1.22v + ? 2v 1.3v fb 0.8v + f3(i dim/ss ) 0.8v rt dim/ss sync shdn cv eamp cc eamp a7 10a at fb = 1.25v 12a fault logic t > 165c isp > isn + 0.6v fault 10a bandgap reference openled logic ? + g m a1 a3 isn isp f1(i dim/ss ) f2(i dim/ss ) 10a at a1 + = a1 ? r sense + ? + ? + ? 1.5ma fault
lt3954 11 3954f for more information www.linear.com/3954 the lt3954 is a constant-frequency, current mode con- verter with a low side n-channel mosfet switch. the switch and pwmout pin drivers, and other chip loads, are powered from intv cc , which is an internally regulated supply. in the discussion that follows it will be helpful to refer to the block diagram of the ic. in normal operation with the pwm pin low, the switch is turned off and the pwmout pin is driven to gnd, the v c pin is high imped- ance to store the previous switching state on the external compensation capacitor, and the isp and isn pin bias currents are reduced to leakage levels. when the pwm pin transitions high, the pwmout pin transitions high after a short delay. at the same time, the internal oscillator wakes up and generates a pulse to set the pwm latch, turning on the internal power mosfet switch . a voltage input propor - tional to the switch current, sensed by an internal current sense resistor is added to a stabilizing slope compensation ramp and the resulting switch current sense signal is fed into the negative terminal of the pwm comparator. the current in the external inductor increases steadily during the time the switch is on. when the switch current sense voltage exceeds the output of the error amplifier, labeled v c , the latch is reset and the switch is turned off. during the switch - off phase , the inductor current decreases . at the completion of each oscillator cycle, internal signals such as slope compensation return to their starting points and a new cycle begins with the set pulse from the oscillator. through this repetitive action, the pwm control algorithm establishes a switch duty cycle to regulate a current or voltage in the load. the v c signal is integrated over many switching cycles and is an amplified version of the differ - ence between the led current sense voltage, measured between isp and isn, and the target difference voltage set by the ctrl pin. in this manner , the error amplifier sets the correct peak switch current level to keep the led current in regulation. if the error amplifier output increases, more current is demanded in the switch; if it decreases, less current is demanded. the switch current is monitored during the on-phase and is not allowed to exceed the current limit threshold of 6.0a (typical). if the sw pin exceeds the current limit threshold, the sr latch is reset regardless of the output state of the pwm compara- tor. the difference between isp and isn is monitored to determine if the output is in a short- circuit condition. if the difference between isp and isn is greater than 600mv (typical), the sr latch will be reset regardless of the pwm comparator. the dim/ss pin will be pulled down and the pwmout pin forced low and the sw pin turned off for at least 4s. these functions are intended to protect the power switch as well as various external components in the power path of the dc/dc converter. in voltage feedback mode, the operation is similar to that described above, except the voltage at the vc pin is set by the amplified difference of the internal reference of 1.25v and the fb pin. if fb is lower than the reference voltage, the switch current will increase; if fb is higher than the reference voltage , the switch demand current will decrease . the led current sense feedback interacts with the fb voltage feedback so that fb will not exceed the internal reference and the voltage between isp and isn will not exceed the threshold set by the ctrl pin. for accurate current or voltage regulation, it is necessary to be sure that under normal operating conditions the appropriate loop is dominant. to deactivate the voltage loop entirely, fb can be connected to gnd. to deactivate the led current loop entirely, the isp and isn should be tied together and the ctrl input tied to v ref . tw o led specific functions featured on the lt3954 are controlled by the voltage feedback pin. first, when the fb pin exceeds a voltage 50mv lower (C4%) than the fb regulation voltage, and the difference voltage between isp and isn is below 25mv (typical), the pull-down driver on the vmode pin is activated. this function provides a status indicator that the load may be disconnected and the constant-voltage feedback loop is taking control of the switching regulator. the vmode pin de-asserts only when pwm is high and fb drops below the voltage threshold. fb overvoltage is the second protective function. when the fb pin exceeds the fb regulation voltage by 60mv (plus 5% typical), the pwmout pin is driven low, ignoring the state of the pwm input. in the case where the pwmout pin drives a disconnect nfet, this action isolates the led load from gnd, preventing excessive current from damaging the leds. operation
lt3954 12 3954f for more information www.linear.com/3954 applications information intv cc regulator bypassing and operation the intv cc pin requires a capacitor for stable operation and to store the charge for the large internal mosfet gate switching currents. choose a 10v rated low esr, x7r ceramic capacitor for best performance . a 1f capacitor will be adequate for many applications. place the capacitor close to the ic to minimize the trace length to the intv cc pin and also to the ic ground. an internal current limit on the intv cc output protects the lt3954 from excessive on-chip power dissipation. the intv cc pin has its own undervoltage disable set to 4.1v (typical) to protect the internal mosfet from excessive power dissipation caused by not being fully enhanced. if the intv cc pin drops below the uvlo threshold, the pwmout pin will be forced to 0v, the power switch will be turned off and the soft-start pin will be reset. if the input voltage, v in , will not exceed 8.1v, then the intv cc pin could be connected to the input supply. be aware that a small current (less than 13a) will load the intv cc in shutdown. this action allows the lt3954 to operate from v in as low as 4.5v. if v in is normally above, but occasionally drops below the intv cc regulation voltage , then the minimum operating v in will be close to 5v. this value is determined by the dropout voltage of the linear regulator and the intv cc undervoltage lockout threshold mentioned above. programming the turn-on and turn-off thresholds with the en/uvlo pin the power supply undervoltage lockout (uvlo) value can be accurately set by the resistor divider to the en/ uvlo pin . a small 2.2 a pull - down current is active when en/uvlo lt3954 v in r2 3954 f01 r1 figure 1. resistor connection to set v in undervoltage shutdown threshold en/uvlo is below the threshold. the purpose of this cur - rent is to allow the user to program the rising hysteresis. the following equations should be used to determine the value of the resistors: v in,falling = 1.22 ? r1 + r2 r2 v in,rising = 2.2a ? r1 + v in,falling led current programming the led current is programmed by placing an appropriate value current sense resistor, r led , in series with the led string. the voltage drop across r led is (kelvin) sensed by the isp and isn pins. a half watt resistor is usually a good choice. to give the best accuracy, sensing of the current should be done at the top of the led string. if this option is not available then the current may be sensed at the bottom of the string, or in the source of the pwm disconnect nfet driven by the pwmout signal. input bias currents for the isp and isn inputs are shown in the typical performance characteristics and should be considered when placing a resistor in series with the isp or isn pins.
lt3954 13 3954f for more information www.linear.com/3954 applications information the ctrl pin should be tied to a voltage higher than 1.2v to get the full-scale 250mv ( typical) threshold across the sense resistor. the ctrl pin can also be used to dim the led current to zero, although relative accuracy decreases with the decreasing voltage sense threshold. when the ctrl pin voltage is less than 1v, the led current is: i led = v ctrl ? 100mv r led ? 4 when the ctrl pin voltage is between 1 v and 1.2 v the led current varies with ctrl, but departs from the previous equation by an increasing amount as the ctrl voltage increases. ultimately, the led current no longer varies for ctrl 1.2v. at ctrl = 1.1v, the value of i led is ~98% of the equations estimate. some values are listed in table 1. table 1. (isp-isn) threshold vs ctrl v crtl (v) (isp-isn) threshold (mv) 1.0 225 1.05 236 1.1 244.5 1.15 248.5 1.2 250 when ctrl is higher than 1.2v, the led current is regu- lated to: i led = 250mv r led the ctrl pin should not be left open (tie to v ref if not used). the ctrl pin can also be used in conjunction with a thermistor to provide overtemperature protection for the led load, or with a resistor divider to v in to reduce output power and switching current when v in is low. the presence of a time varying differential voltage signal (ripple) across isp and isn at the switching frequency is expected. the amplitude of this signal is increased by high led load current, low switching frequency and/or a smaller value output filter capacitor. some level of ripple signal is acceptable: the compensation capacitor on the vc pin filters the signal so the average difference between isp and isn is regulated to the user-programmed value. ripple voltage amplitude (peak-to- peak) in excess of 50mv should not cause mis-operation, but may lead to noticeable offset between the current regulation and the user-programmed value. output current capability an important consideration when using a switch with a fixed current limit is whether the regulator will be able to supply the load at the extremes of input and output voltage range . several equations are provided to help determine this capability. some margin to data sheet limits is included. for boost converters: i out(max) 4.0a v in(min) v out(max) for buck mode converters: i out(max) 4.0a for sepic and buck-boost mode converters: i out(max) 4.0a v in(min) (v out(max) + v in(min) )
lt3954 14 3954f for more information www.linear.com/3954 applications information fb lt3954 v out r4 100k 3954 f03 r3 led array r sen(ext) c out + ? figure 3. feedback resistor connection for buck mode or buck-boost mode led driver these equations assume the inductor value and switch- ing frequency have been selected so that inductor ripple current is ~800ma. ripple current higher than this value will reduce available output current. be aware that current limited operation at high duty cycle can greatly increase inductor ripple current, so additional margin may be re- quired at high duty cycle. if some level of analog dimming is acceptable at minimum supply levels , then the ctrl pin can be used with a resistor divider to v in (as shown on page 1) to provide a higher output current at nominal v in levels. programming output voltage (constant voltage regulation) or open led/ overvoltage threshold for a boost or sepic application, the output voltage can be set by selecting the values of r3 and r4 (see figure ?2) according to the following equation: v out = 1.25 ? r3 + r4 r4 fb lt3954 v out r4 3954 f02 r3 figure 2. feedback resistor connection for boost or sepic led driver for a boost type led driver, set the resistor from the output to the fb pin such that the expected voltage level during normal operation will not exceed 1.17v. for an led driver of buck mode or a buck-boost mode configuration, the output voltage is typically level-shifted to a signal with respect to gnd as illustrated in figure 3. the output can be expressed as: v out = v be + 1.25 ? r3 r4 isp/isn short-circuit protection feature the isp/isn pins have a protection feature independent of their led current sense feature. the purpose of this feature is to prevent the development of excessive cur - rents that could damage the power components or the load. the action threshold (v isp-isn > 600 mv, typical) is above the default led current sense threshold, so that no interference will occur with current regulation. exceeding the threshold activates pull-downs on the dim/ss and pwm pins and causes the power switch to be turned off, and the pwmout pin to be driven low for at least 4s. if an overcurrent condition is sensed at isp/isn and the pwm pin is configured either to make an internal dimming signal, or for always-on operation as shown in the appli- cation titled boost led driver with output short- circuit protection, then the lt3954 will enter a hiccup mode of operation. in this mode, after the initial response to the fault, the pwmout pin re-enables the output switch at an interval set by the capacitor on the pwm pin. if the fault is still present, the pwmout pin will go low after a short delay (typically 7s ) and turn off the output switch. this fault- retry sequence continues until the fault is no longer present in the output.
lt3954 15 3954f for more information www.linear.com/3954 figure 4. pwmout duty ratio vs dim voltage for r dim = 124k applications information pwm dimming control there are two methods to control the current source for dimming using the lt3954. one method uses the ctrl pin to adjust the current regulated in the leds. a second method uses the pwm pin to modulate the current source between zero and full current to achieve a precisely pro- grammed average current. to make pwm dimming more accurate, the switch demand current is stored on the v c node during the quiescent phase when pwm is low. this feature minimizes recovery time when the pwm signal goes high. to further improve the recovery time, a dis- connect switch may be used in the led current path to prevent the isp node from discharging during the pwm signal low phase. the minimum pwm on or off time is affected by choice of operating frequency and external component selection. the best overall combination of pwm and analog dimming capability is available if the minimum pwm pulse is at least six switching cycles. a low duty cycle pwm signal can cause excessive start-up times if it were allowed to interrupt the soft - start sequence . therefore, once start- up is initiated by pwm > 1.3v, it will ignore a logical disable by the external pwm input signal. the device will continue to soft-start with switching and pwmout enabled until either the voltage at ss reaches the 1v level, or the output current reaches one-tenth of the full-scale current. at this point the device will begin following the dimming control as designated by pwm . pwm dimming signal generator the lt3954 features a pwm dimming signal generator with programmable duty cycle . the frequency of the square wave signal at pwmout is set by a capacitor c pwm from the pwm pin to gnd according to the equation: f pwm = 14khz ? nf/c pwm the duty cycle of the signal at pwmout is set by a a scale current into the dim/ss pin (see figure 4). internally generated pull-up and pull-down currents on the pwm pin are used to charge and discharge its capaci- tor between the high and low thresholds to generate the duty cycle signal. these current signals on the pwm pin are small enough so they can be easily overdriven by a digital signal from a microcontroller to obtain very high dimming performance . the practical minimum duty cycle using the internal signal generator is about 4% if the dim/ ss pin is used to adjust the dimming ratio. consult the factory for techniques for and limitations of generating a duty ratio less than 4% using the internal generator. for always on operation, the pwm pin should be connected as shown in the application boost led driver with output short- circuit protection. programming the switching frequency the rt frequency adjust pin allows the user to program the switching frequency (f sw ) from 100khz to 1mhz to optimize efficiency/ performance or external component size. higher frequency operation yields smaller compo- nent size but increases switching losses and gate driving current, and may not allow sufficiently high or low duty cycle operation. lower frequency operation gives better performance at the cost of larger external component size. for an appropriate r t resistor value see table 2. dim voltage (v) 0 pwmout duty ratio (%) 100 60 20 80 40 0 2 6 4 3954 f04 8 c pwm = 47nf
lt3954 16 3954f for more information www.linear.com/3954 applications information an external resistor from the rt pin to gnd is required do not leave this pin open. table 2. switching frequency (f sw ) vs r t value f sw (khz) r t (k) 100 95.3 200 48.7 300 33.2 400 25.5 500 20.5 600 16.9 700 14.3 800 12.1 900 10.7 1000 8.87 duty cycle considerations switching duty cycle is a key variable defining converter operation, therefore, its limits must be considered when programming the switching frequency for a particular ap- plication. the minimum duty cycle of the switch is limited by the fixed minimum on- time and the switching frequency (f sw ). the maximum duty cycle of the switch is limited by the fixed minimum off-time and f sw . the following equations express the minimum/maximum duty cycle: min duty cycle = 220ns ? f sw max duty cycle = 1 C 170ns ? f sw besides the limitation by the minimum off-time, it is also recommended to choose the maximum duty cycle below 95%. d boost = v led ? v in v led d buck _ mode = v led v in d sepic , d cuk = v led v led + v in figure 5. typical switch minimum on and off pulse width vs temperature 0 100 200 300 50 150 250 3954 f05 time (ns) temperature (c) ?50 0 50 75 ?25 25 100 125 sw minimum on-time sw minimum off-time
lt3954 17 3954f for more information www.linear.com/3954 applications information thermal considerations the lt3954 is rated to a maximum input voltage of 40v. careful attention must be paid to the internal power dis- sipation of the ic at higher input voltages to ensure that a junction temperature of 125c is not exceeded. this junction limit is especially important when operating at high ambient temperatures . if lt3954 junction temperature reaches 165c, the power switch will be turned off and the pwmout pin will be driven to gnd and the soft-start (dim/ss) pin will be discharged to gnd. switching will be enabled after device temperature is reduced 10c. this function is intended to protect the device during momentary thermal overload conditions. the major contributors to internal power dissipation are the current in the linear regulator to drive the switch, and the ohmic losses in the switch. the linear regulator power is proportional to v in and switching frequency, so at high v in the switching frequency should be chosen carefully to ensure that the ic does not exceed a safe junction temperature. the internal junction temperature of the ic can be estimated by: t j = t a + [v in ? (i q + f sw ? 7nc) + i sw 2 ? 0.04 ? d sw ] ? ja where t a is the ambient temperature, i q is the quiescent current of the part (maximum 2.2ma) and ja is the pack- age thermal impedance (34c/w for the 5mm 6mm qfn package ). for example , an application with t a ( max ) = 85 c , v in(max) = 40 v, f sw = 400 khz, and having an average switching current of 4a at 70% duty cycle, the maximum ic junction temperature will be approximately: t j = 85c + [(4a) 2 ? 0.04 ? 0.7 + 40v ? (2.2 ma + 400khz ? 7nc)] ? 34c/w= 107c the exposed pad on the bottom of the package must be soldered to a ground plane. this ground should then be connected to an internal copper ground plane with thermal vias placed directly under the package to spread out the heat dissipated by the ic. open led reporting C constant voltage regulation status pin the lt3954 provides an open-drain status pin, vmode , that pulls low when the fb pin is within 50mv of its 1.25v regulated voltage and output current sensed by v isp-isn has reduced to 25mv, or 10% of the full-scale value. the 10% output current qualification ( c /10) is unique for an led driver but fully compatible with open led indication ?C the qualification is always satisfied since for an open load zero current flows in the load . the c/10 feature is particularly useful in the case where vmode is used to indicate the end of a battery charging cycle and terminate charging or transition to a float charge mode. for monitoring the led string voltage, if the open led clamp voltage is programmed correctly using the fb resistor divider then the fb pin should not exceed 1.18v when leds are connected. if the vmode pulldown is as- serted when the pwm pin transitions low, the pulldown will continue to be asserted until the next rising edge of pwm even if fb falls below the vmode threshold. figure ?6 shows the vmode logic block diagram. figure 6. vmode (cv mode) logic block diagram + ? 1.2v fb pwm 3954 f06 vmode open led comparator c/10 comparator 1ma isn 25mv isp 1. vmode asserts when v isp-isn < 25mv and fb > 1.2v, and is latched 2. vmode de-asserts when fb < 1.19v, and pwm = logic ?1? 3. any fault condition resets the latch, so lt3955 starts up with vmode de-asserted r led i led + ? s q r + ?
lt3954 18 3954f for more information www.linear.com/3954 applications information input capacitor selection the input capacitor supplies the transient input current for the power inductor of the converter and must be placed and sized according to the transient current requirements. the switching frequency, output current and tolerable input voltage ripple are key inputs to estimating the capacitor value. an x7r type ceramic capacitor is usually the best choice since it has the least variation with temperature and dc bias. typically , boost and sepic converters require a lower value capacitor than a buck mode converter. as- suming that a 100mv input voltage ripple is acceptable, the required capacitor value for a boost converter can be estimated as follows: c in (f) = i led (a) ? v out v in ? t sw (s) ? f a ? s ? ? ? ? ? ? therefore, a 10f capacitor is an appropriate selection for a 400khz boost regulator with 12v input , 36v output and 1a load. with the same v in voltage ripple of 100 mv, the input ca- pacitor for a buck converter can be estimated as follows: c in (f) = i led (a) ? t sw (s) ? 4.7 ? f a ? s ? ? ? ? ? ? a 10f input capacitor is an appropriate selection for a 400khz buck mode converter with a 1a load. in the buck mode configuration, the input capacitor has large pulsed currents due to the current returned through the schottky diode when the switch is off. in this buck converter case it is important to place the capacitor as close as possible to the schottky diode and to the gnd return of the switch (i.e., the sense resistor). it is also important to consider the ripple current rating of the capacitor. for best reliability, this capacitor should have low esr and esl and have an adequate ripple current rating. table 3. recommended ceramic capacitor manufacturers manufacturer web tdk www.tdk.com kemet www.kemet.com murata www.murata.com taiyo yuden www.t-yuden.com output capacitor selection the selection of the output capacitor depends on the load and converter configuration, i.e., step-up or step-down and the operating frequency. for led applications, the equivalent resistance of the led is typically low and the output filter capacitor should be sized to attenuate the current ripple. use of x7r type ceramic capacitors is recommended. to achieve the same led ripple current, the required filter capacitor is larger in the boost and buck-boost mode ap- plications than that in the buck mode applications. lower operating frequencies will require proportionately higher capacitor values. soft-start capacitor selection for many applications, it is important to minimize the inrush current at start -up. the built-in soft-start circuit significantly reduces the start-up current spike and output voltage overshoot. connect a capacitor from the dim/ss pin to gnd to use this feature. the soft-start interval is set by the softstart capacitor selection according to the equation: t ss = c ss ? 1.2v 12a = c ss ? 100s nf
lt3954 19 3954f for more information www.linear.com/3954 applications information provided there is no additional current supplied to the dim/ss pin for programming the duty cycle of the pwm dimming signal generator. a typical value for the soft-start capacitor is 10nf which gives a 1ms start-up interval . the soft-start pin reduces the oscillator frequency and the maximum current in the switch. the soft-start capacitor discharges if one of the follow - ing events occurs: the en/uvlo falls below its threshold; output overcurrent is detected at the isp/isn pins; ic overtemperature; or intv cc undervoltage . during start- up with en/uvlo, charging of the soft-start capacitor is enabled after the first pwm high period. in the start-up sequence , after switching is enabled by pwm the switching continues until v isp-isn > 25mv or dim/ss > 1v . pwm pin negative edges during this start-up interval are not processed until one of these two conditions are met so that the regulator can reach steady state operation shortly after pwm dimming commences. schottky rectifier selection the power schottky diode conducts current during the interval when the switch is turned off. select a diode rated for the maximum sw voltage of the application and the rms diode current. if using the pwm feature for dimming, it may be important to consider diode leakage, which in- creases with the temperature, from the output during the pwm low interval . therefore, choose the schottky diode with sufficiently low leakage current. table 4 has some recommended component vendors. the diode current and v f should be considered when selecting the diode to be sure that power dissipation does not exceed the rating of the diode. the power dissipated by the diode in a converter is: p d = i d ? v f ? (1-d max ) it is prudent to measure the diode temperature in steady state to ensure that its absolute maximum ratings are not exceeded. table 4. schottky rectifier manufacturers manufacturer web on semiconductor www.onsemi.com central semiconductor www.centralsemi.com diodes, inc. www.diodes.com inductor selection the inductor used with the lt3954 should have a saturation current rating appropriate to the maximum switch current of 6.8a. choose an inductor value based on operating frequency, input and output voltage to provide a current mode signal of approximately 0.8 a magnitude . the follow - ing equations are useful to estimate the inductor value for continuous conduction mode operation ( use the minimum value for v in and maximum value for v led ): l buck = v led v in ? v led ( ) v in s 0.8a s f osc l buck-boost = v led s v in v led + v in ( ) 0.8a s f osc l boost = v in v led ? v in ( ) v led s 0.8a s f osc use the equation for buck-boost when choosing an in- ductor value for sepic C if the sepic inductor is coupled, then the equations result can be used as is. if the sepic uses two uncoupled inductors, then each should have a inductance double the result of the equation.
lt3954 20 3954f for more information www.linear.com/3954 applications information table 5 provides some recommended inductor vendors. table 5. recommended inductor manufacturers manufacturer web coilcraft www.coilcraft.com cooper-coiltronics www.cooperet.com wrth-midcom www.we-online.com vishay www.vishay.com loop compensation the lt3954 uses an internal transconductance error amplifier whose v c output compensates the control loop. the external inductor, output capacitor and the compen- sation resistor and capacitor determine the loop stability. the inductor and output capacitor are chosen based on performance , size and cost. the compensation resistor and capacitor at vc are selected to optimize control loop response and stability. for typical led applications, a 4.7nf compensation capacitor at vc is adequate, and a series resistor should always be used to increase the slew rate on the vc pin to maintain tighter regulation of led current during fast transients on the input supply to the converter. disconnect switch selection an nmos in series with the led string at the cathode is recommended in most lt3954 applications to improve the pwm dimming. the nmos bv dss rating should be as high as the open led regulation voltage set by the fb pin, which is typically the same rating as the power switch of the converter . the maximum continuous drain current i d ( max ) rating should be higher than the maximum led current. a pmos high side disconnect is needed for buck mode, buck-boost mode or an output short circuit protected boost. a level shift to drive the pmos switch is shown in the application schematic boost led driver with out- put short circuit protection. in the case of a high side disconnect follow the same guidelines as for the nmos regarding voltage and current ratings. it is important to include a bypass diode to gnd at the drain of the pmos switch to ensure that the voltage rating of this switch is not exceeded during transient fault events. the dc-coupling capacitor selection for sepic led driver the dc voltage rating of the dc-coupling capacitor c dc connected between the primary and secondary inductors of a sepic should be larger than the maximum input voltage: v cdc > v in(max) c dc has nearly a rectangular current waveform. during the switch off-time, the current through c dc is i vin , while approximately Ci led flows during the on-time. the c dc voltage ripple causes current distortions on the primary and secondary inductors. the c dc should be sized to limit its voltage ripple. the power loss on the c dc esr reduces the led driver efficiency. therefore, the sufficient low esr ceramic capacitors should be selected. the x5r or x7r ceramic capacitor is recommended for c dc . board layout the high speed operation of the lt3954 demands careful attention to board layout and component placement. the exposed pads of the package are important for thermal management of the ic. it is crucial to achieve a good electri- cal and thermal contact between the gnd exposed pad and the ground plane of the board. to reduce electromagnetic interference (emi), it is important to minimize the area of the high dv/dt switching node between the inductor, sw pin and anode of the schottky rectifier. use a ground plane under the switching node to eliminate interplane coupling to sensitive signals. the lengths of the high di/dt traces from the switch node through the schottky rectifier and
lt3954 21 3954f for more information www.linear.com/3954 applications information figure 7. boost converter suggested layout 3 via from led + pwmout via led ? led + 3954 f07 lt3954 via from pwmout gnd sw vmode pwm ctrl cv cc vias to gnd plane vias to sw plane vias from pgnd pgnd vias r t c ss v out via led + via via from v out r c c c v in cv in pgnd l1 r1 r2 r3r4 m1 c out c out d1 1 2 12 13 14 15 16 17 36 35 34 33 32 31 30 21 23 24 25 27 28 8 6 4 3 2 1 20 9 10 v in r s filter capacitor to pgnd, should be minimized. the output capacitors should terminate as close as possible to the pgnd pins. the pgnd and gnd planes on the pcb should not be connected together. instead, a single pin named gndk (pin 12) should be connected to the gnd plane and pins through vias. this pin is internally attached to the pgnd pins, but provides a proper connection between the gnd and pgnd pins when the ic is placed on the pcb, as shown in the suggested layout (figure 7). likewise, the ground terminal of the bypass capacitor for the intv cc regulator should be placed near the gnd of the ic. the ground for the compensation network and other dc control signals should be star connected to the gnd exposed pad of the ic. do not extensively route high impedance signals such as fb and v c , as they may pick up switching noise. since there is a small variable dc input bias current to the isn and isp inputs, resistance in series with these pins should be minimized to avoid creating an offset in the current sense threshold.
lt3954 22 3954f for more information www.linear.com/3954 typical application 95% efficiency 20w boost led driver with internal pwm dimming efficiency vs v in v in sw lt3954 l1 22h d1 gndk gndv c intv cc en/uvlo pgnd v ref isp 1m 100k intv cc r1 499k c vin 4.7f 50v c out 4.7f 3 50v c c 4.7nf v in 5v to 30v 47nf 300hz 10nf r2 147k r c 5.1k r t 28.7k 350khz c vcc 1f 165k 124k ctrl r4 37.4k r3 1m r s 0.38 650ma m1 intv cc 3954 ta02a vmode dim/ss dim pwm rt isn fb sync pwmout 20w led string (current derated for v in < 9v) m1: vishay si4840bdy l1: coiltronics dr125-220-r d1: diodes pds3100 v in (v) 5 85 efficiency (%) 10 15 20 25 30 100 97 94 91 88 3954 ta02b
lt3954 23 3954f for more information www.linear.com/3954 information furnished by linear technology corporation is believed to be accurate and reliable. however, no responsibility is assumed for its use. linear technology corporation makes no representa- tion that the interconnection of its circuits as described herein will not infringe on existing patent rights. package description please refer to http://www .linear.com/designtools/packaging/ for the most recent package drawings. 5.00 0.10 6.00 0.10 note: 1. drawing is not a jedec package outline 2. drawing not to scale 3. all dimensions are in millimeters 4. dimensions of exposed pad on bottom of package do not include mold flash. mold flash, if present, shall not exceed 0.20mm on any side 5. exposed pad shall be solder plated 6. shaded area is only a reference for pin 1 location on the top and bottom of package pin 1 top mark (note 6) 0.40 0.10 1 3635 30 31 32 33 34 28 20 21 23 24 25 27 2 3 4 6 8 9 10 121314151617 bottom view?exposed pad 2.00 ref 1.50 ref 0.75 0.05 r = 0.125 typ r = 0.10 typ pin 1 notch r = 0.30 or 0.35 45 chamfer 0.25 0.05 0.50 bsc 0.200 ref 0.00 ? 0.05 (uhe36(28)ma) qfn 0112 rev d recommended solder pad pitch and dimensions apply solder mask to areas that are not soldered 0.70 0.05 4.10 0.05 5.50 0.05 package outline 1.88 0.10 1.53 0.10 2.00 ref 1.50 ref 5.10 0.05 6.50 0.05 uhe package variation: uhe36(28)ma 36(28)-lead plastic qfn (5mm 6mm) (reference ltc dwg # 05-08-1836 rev d) 3.00 0.10 3.00 0.10 0.12 0.10 1.88 0.05 1.53 0.05 3.00 0.05 3.00 0.05 0.48 0.05 0.12 0.05 0.48 0.10 0.25 0.05 0.50 bsc 10 1 2 3 4 6 8 9 17 2021 232425 2728 30 31 32 33 34 35 36 12 13 14 15 16
lt3954 24 3954f for more information www.linear.com/3954 ? linear technology corporation 2013 lt 0313 ? printed in usa linear technology corporation 1630 mccarthy blvd., milpitas, ca 95035-7417 (408) 432-1900 fax : (408) 434-0507 www.linear.com/3954 v in (v) 5 80 efficiency (%) 7 9 11 13 100 95 90 85 15 3954 ta03b related parts typical application part number description comments lt3955 high side 80v, 3.5a, 1mhz led driver with 3,000:1 pwm dimming and internal pwm generator v in : 4.5v to 60v, v out(max) = 80v, 3000:1 true color pwm , analog, i sd < 1a, 5mm 6mm qfn-36 lt3956 high side 80v, 3.5a, 1mhz led driver with 3,000:1 pwm dimming v in : 6v to 80v, v out(max) = 80v, 3000:1 true color pwm , analog, i sd < 1a, 5mm 6mm qfn-36 lt3761 high side 100v, 1mhz led controller with 3,000:1 pwm dimming and internal pwm generator v in : 4.5v to 60v, v out(max) = 80v, 3000:1 true color pwm , analog, i sd < 1a, msop-16e lt3791/lt3791-1 60v, synchronous buck-boost 1mhz led controller v in : 4.7v to 60v, v out : 0v to 60v, 100:1 true color pwm , analog, i sd < 1a, tssop-38e lt3755/lt3755-1 lt3755-2 high side 60v, 1mhz led controller with true color 3,000:1 pwm dimming v in : 4.5v to 40v, v out : 5v to 60v, 3,000:1 true color pwm , analog, i sd < 1a, 3mm 3mm qfn-16, msop-16e lt3756/lt3756-1 lt3756-2 high side 100v, 1mhz led controller with 3,000:1 pwm dimming, input/output current limit v in : 6v to 100v, v out : 5v to 100v, 3,000:1 true color pwm , analog, i sd < 1a, 3mm 3mm qfn-16, msop-16e lt3743 synchronous step-down 20a led driver with three-state led current control v in : 5.5v to 36v, v out : 5.5v to 35v, 3,000:1 true color pwm , analog, i sd < 1a, 4mm 5mm qfn-28, tssop-28e lt3796/LT3796-1 high side 100v, 1mhz led controller with true color 3,000:1 pwm dimming v in : 6v to 100v, v out(max) = 100v, 3000:1 true color pwm , analog, i sd < 1a, tssop-28e 10w sepic led driver intv cc 10f 25v 2 2.2f 25v 1f 182k m1 d1 10.7k 10w led string 0.5 500ma ? v in sw lt3954 gndk gnd v c rt en/uvlo v ref 1m 100k intv cc 499k 4.7f 25v 10nf v in 5v to 15v 10nf 147k 15k 28.7k 350khz 165k ctrl 3954 ta03a vmode dim/ss pwm l1, 22h 1:1 ? intv cc fb isp isn pgnd sync pwmout m1: vishay si2306bd l1: coiltronics drq127-220-r d1: diodes pds3100 note: gnd, gndk and signal level components must be connected externally as shown. an internal connection between gndk and pgnd pins provides grounding to the supply efficiency vs v in 3000:1 pwm dimming at 120hz 1s/div 3754 ta03c pwm 5v/div i led 0.2a/div v in = 15v v led = 20v


▲Up To Search▲   

 
Price & Availability of LT3796-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X